Part Number Hot Search : 
1N4006 PF10K 15KPA45A 1344184 74HC674 ML9XX15 MSC3005 SP9715C
Product Description
Full Text Search
 

To Download SL0512101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL05 12101
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number SL05 12101-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Resistance @ 0C/ Resistance @ 50C Resistance @ 25C/ Resistance @ 125C Beta Temp Coefficient of Resistance @ 25C Max Steady State Current Up to 65C Resistance @ Max Steady State Current Maximum Instantaneous Energy Dissipation Constant Thermal Time Constant Operating Temperature Range Material Type 120.0 20% 5.6 1% 14.1 2% 3169 0.87% -3.42%/C 1.0 A 2.70 1.5 J 3.0mW/C 20.0 Seconds -50C 150C "I"
Mechanical Specifications:
D T Lead Diameter S L Coating Material 5.5 0.5 mm 2.7 0.4 mm 0.5 mm Nom 6.0 mm Nom 38.0 mm Min FlameretardedSiliconeresin
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com
DATA SHEET
Part Number: SL05 12101
Resistance Temperature Curve
Temperature -50 -40 -30 -20 -10 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 105 110 115 120 125 130 135 140 145 150 R@T/R@25C 26.32 15.41 9.357 5.870 3.792 2.514 2.6908 2.0785 1.6173 1.2674 1.0000 0.7942 0.6348 0.5105 0.4129 0.3359 0.2748 0.2259 0.1867 0.1550 0.1293 0.1084 0.9120 0.7710 0.6540 0.5570 0.4760 0.4080 0.3510 0.3030 0.2630 0.2280 0.1990 0.1730 0.1520 0.1330
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0512101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X